Part Number Hot Search : 
20N03 40AV700V 20N03 20N03 UFT140 ML720J8S 2SK719 AZ420
Product Description
Full Text Search
 

To Download 2SC4231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SC4231 description with ito-220 package switching power transistor high voltage ,high speed pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 2 a i cm collector current-peak 4 a i b base current 1 a i bm base current-peak 2 a p t total power dissipation t c =25 30 w t j junction temperature 150 t stg storage temperature -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance junction case 4.16 /w fig.1 simplified outline (ito-220) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SC4231 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a;i b =0 800 v v cesat collector-emitter saturation voltage i c =1a; i b =0.2a 1.0 v v besat base-emitter saturation voltage i c =1a ;i b =0.2a 1.5 v i cbo collector cut-off current i ceo collector cut-off current at rated volatge 0.1 ma i ebo emitter cut-off current at rated volatge 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 h fe-2 dc current gain i c =1ma ; v ce =5v 7 f t transition frequency i c =0.2a ; v ce =10v 8 mhz t on turn-on time 0.5 s t s storage time 3.5 s t f fall time i c =1;i b1 =0.2a; i b2 =0.4a;r l =250 ? v bb2 =4v 0.3 s
inchange semiconductor product specification 3 silicon npn power transistors 2SC4231 package outline fig.2 outline dimensions (unindicated tolerance: 0.20 mm)


▲Up To Search▲   

 
Price & Availability of 2SC4231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X